Part Number Hot Search : 
S3C80E5 AT54S BCR12 C3026 5253B 12GR5S MSMF05LC D1941
Product Description
Full Text Search
 

To Download 390AB035M08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 390-035 Submersible EMI/RFI Cable Sealing Backshell
with Strain Relief Type G - Direct Coupling - Low Profile
39
A-B -C-D-E-F G-H-J-K-L-S
* Conn. Desig. B See Note 4
CONNECTOR DESIGNATORS *
390 F S 035 M 18 06 A 6 Product Series Connector Designator Angle and Profile A = 90 B = 45 S = Straight Basic Part No. .780 (19.8) Max A Thread (Table I) B (Table I) O-Rings Length: S only (1/2 inch increments: e.g. 6 = 3 inches) Strain Relief Style (H, A, M, D) Cable Entry (Tables X, XI) Shell Size (Table I) Finish (Table II) Length .060 (1.52) Min. Order Length 2.0 Inch (See Note 3)
DIRECT COUPLING TYPE G INDIVIDUAL AND/OR OVERALL SHIELD TERMINATION
J
E
(Table III) (Table IV)
G J (Table III)(Table IV) F (Table IV) B (Table I)
B (Table I)
1.680 (42.7) Ref.
H (Table IV)
1.680 (42.7) Ref.
STYLE H Heavy Duty (Table X) T
STYLE A Medium Duty (Table XI) W
STYLE M Medium Duty (Table XI) X
STYLE D Medium Duty (Table XI) .135 (3.4) Max
Cable Range
V
Cable Range
Y
Cable Range
Y
Cable Entry
Z
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com Series 39 - Page 76
with Strain Relief Type G - Direct Coupling - Low Profile See inside back cover fold-out or pages 13 and 14 for Tables I and II.
TABLE III: FRONT ADAPTER J Max - Conn. Designator A-E-F D-B-G-K J-H-L-S C 1.180 (30.0) 1.250 (31.8) 1.180 (30.0) 1.250 (31.8) 1.180 (30.0) 1.250 (31.8) 1.735 (44.1) 1.180 (30.0) 1.250 (31.8) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.610 (40.9) 1.560 (39.6) 1.915 (48.6) 1.610 (40.9) 1.750 (44.5) 1.915 (48.6) 1.610 (40.9) 1.750 (44.5) 1.915 (48.6) 1.610 (40.9) 2.190 (55.6) 1.915 (48.6) TABLE IV: ELBOW DIMENSIONS Elbow E F G Size Max Max Max 03 .500 (12.7) 1.250 (31.8) .520 (13.2) 04 .500 (12.7) 1.610 (40.9) .520 (13.2) 06 .590 (15.0) 1.730 (43.9) .580 (14.7) 08 .610 (15.5) 1.750 (44.5) .640 (16.3) 10 .700 (17.8) 1.820 (46.2) .730 (18.5) 12 .880 (22.4) 2.080 (52.8) .920 (23.4) 16 .970 (24.6) 2.190 (55.6) 1.020 (25.9) 20 1.120 (28.4) 2.190 (55.6) 1.040 (26.4) 24 1.220 (31.0) 2.360 (59.9) 1.040 (26.4) 28 1.570 (39.9) 2.610 (66.3) 1.090 (27.7) 32 1.770 (45.0) 2.780 (70.6) 1.180 (30.0) H Max 1.140 (29.0) 1.170 (29.7) 1.650 (41.9) 1.720 (43.7) 1.800 (45.7) 1.910 (48.5) 2.100 (53.3) 2.250 (57.2) 2.300 (58.4) 2.400 (61.0) 2.600 (66.0)
Shell Size 08/09 10/11 12/13 14/15 16/17 18/19 20/21 22/23 24/25 28/29 32/33 36 40
Dash No. 04 06 08 10 12 16 20 24 28 32
TABLE X: : CABLE ENTRY Cable Range V T Max Min Max Max .957 (24.3) .125 (3.2) .312 (7.9) .780 (19.8) .250 (6.4) .437 (11.1) .780 (19.8) 1.145 (29.1) .387 (9.8) .562 (14.3) .780 (19.8) 1.332 (33.8) .350 (8.9) .625 (15.9) .780 (19.8) 1.332 (33.8) .500 (12.7) .750 (19.1) .811 (20.6) 1.551 (39.4) .625 (15.9) .937 (23.8) .905 (23.0) 1.770 (45.0) .875 (22.2) 1.250 (31.8) 1.092 (27.7) 2.113 (53.7) 1.124 (28.5) 2.363 (60.0) 1.000 (25.4) 1.375 (34.9) 1.399 (35.5) 2.770 (70.4) 1.250 (31.8) 1.625 (41.3) 1.399 (35.5) 3.020 (76.7) 1.437 (36.5) 1.875 (47.6)
1. Metric dimensions (mm) are indicated in parentheses. 2. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 3. Consult factory for shorter lengths on straight backshells. 4. When using Connector Designator B refer to pages 18 and 19 for part number development.
TABLE XI: CABLE ENTRY Y X Dash Z W Max Max No. Max Max .843 (21.4) .630 (16.0) 03* .437 (11.1) .760 (19.3) .906 (23.0) .755 (19.2) 04* .437 (11.1) .760 (19.3) 06* .500 (12.7) .760 (19.3) 1.093 (27.8) .942 (23.9) 08 .563 (14.3) .760 (19.3) 1.187 (30.1) 1.067 (27.1) 10 .563 (14.3) .760 (19.3) 1.281 (32.5) 1.192 (30.3) 12 .563 (14.3) .760 (19.3) 1.500 (38.1) 1.380 (35.1) 16 .656 (16.7) 1.073 (27.3) 1.719 (43.7) 1.535 (39.0) 20 .656 (16.7) 1.323 (33.6) 2.062 (52.4) 1.848 (46.9) 24 .656 (16.7) 1.323 (33.6) 2.312 (58.7) 2.255 (57.3) 28 1.188 (30.2) 1.572 (39.9) 2.719 (69.1) 2.505 (63.6) 32* 1.187 (30.1) 1.572 (39.9) 2.969 (75.4) 2.755 (70.0) * Not available in Style M clamp.
Cable Range Min ** Max .156 (4.0) .250 (6.4) .188 (4.8) .312 (7.9) .281 (7.1) .438 (11.1) .387 (9.8) .562 (14.3) .375 (9.5) .625 (15.9) .438 (11.1) .750 (19.1) .625 (15.9) .938 (23.8) .875 (22.2) 1.250 (31.8) 1.000 (25.4) 1.375 (34.9) 1.250 (31.8) 1.625 (41.3) 1.437 (36.5) 1.875 (47.6) ** Not Applicable Style D
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com Series 39 - Page 77
39
390-035 Submersible EMI/RFI Cable Sealing Backshell


▲Up To Search▲   

 
Price & Availability of 390AB035M08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X